PART |
Description |
Maker |
LP62S16512-I LP62S16512U-55LLI LP62S16512U-70LLI L |
512K X 16 BIT LOW VOLTAGE CMOS SRAM Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AMICC[AMIC Technology] AMIC Technology Corporation
|
1032-90LJ 1032-80LT 1032-80LJ 1032-90LT 1032-60LG/ |
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:12; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 High-Density Programmable Logic Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Drop Ship:Yes; Features:Alumunium Foil Polyester/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
PCF8812U PCF8812U/2 |
Shielded Paired Cable; Number of Conductors:10; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:5; Impedance:75ohm; Voltage Nom.:300V RoHS Compliant: Yes 65 x 102 pixels matrix LCD driver
|
Philips Semiconductors NXP Semiconductors
|
111-99-304 111-99-306 111-99-312 111-99-314 111-99 |
Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Dual-in-line sockets for multilayer PCB Open frame Solder tail 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:18; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:50; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:25; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes 双列的多层印刷电路板打开框架焊尾线插 Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Green; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Leaded Process Compatible:Yes; Drop Ship:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes CABLE, COAX, 3075, 1, SPC, 95, TFL, 0.100,(924391), ROHS MC 1,5/15-GF-3,5 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Light Blue; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:White; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:16; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes MC 1,5/18-GF-3.5 MC 1,5/16-GF-3,5 Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:14; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:7; Features:Aluminium Foil/Tinned Copper Braid; Impedance:70ohm RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Gray; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Color:Purple; Approval Bodies:UL; Approval Categories:UL AWM Style 1371; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/6 Type ET RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
115-91-306 115-91-308 115-91-310 115-91-314 115-91 |
3#24 FEP SH FEP RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Shielded Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:30.2pF/ft; Conductor Material:Copper RoHS Compliant: Yes 双列直插式插座非常低超低配置/开架式焊尾 Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail 双列直插式插座非常低超低配置/开架式焊尾 Multiconductor Cable; Number of Conductors:9; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes 3 #22 FEP FS SIL RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:6; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Features:Conducting Nylon; Leaded Process Compatible:Yes; Temperature Max:150 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:20; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:10; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:22pF/ft; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31pF/ft; Conductor Material:Copper RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:25; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:12.5; Features:Aluminium Foil/Tinned Copper Braid; Impedance:75ohm RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Leaded Process Compatible:Yes; Temperature Max:200 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Teflon; Approval Bodies:UL NEC/CUL,CEC; Capacitance:31.7pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
BYT1300 BYT86-1300 BYT86 BYT86/1300 |
Shielded Paired Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Features:Individual Beldfoil Shield RoHS Compliant: Yes CABLE 9537, 7CORE, PER M; Cores, No. of:7; Conductor make-up:7/32AWG; Area, conductor CSA:0.2mm2; Diameter, External:5.31mm; Material, secondary insulation:PVC; Colour, secondary insulation:Chrome; Approval Bodies:CSA, SRPVC, UL RoHS Compliant: Yes Very low drop voltage regulators with inhibit FAST RECOVERY SILICON POWER RECTIFIER
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix] STMicroelectronics
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
PC723V0NSZX PC723V0YSZX |
Twisted Paired Computer Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Foil/Braid; Shielding Coverage:100%; Number of Pairs:1 RoHS Compliant: Yes High Collector-emitter Voltage Type Photocoupler
|
Sharp Corporation Sharp Electrionic Components
|
DZC33 D0Z14BR D0Z14G10 D0Z14G16 D0Z14G2 D0Z14G4 D0 |
CAT5E PATCH CABLES SNAGLESS, BLUE,10 FT Diazed / Neozed保险 Diazed/Neozed Fuses Diazed / Neozed保险 LED 3.2MM 590NM YELLOW TRANSP Diazed / Neozed保险 Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes LED 5MM 630NM ULT RED WATER CLR LED 5MM 611NM ULT ORANGE WTR CLR
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|